| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA210IDBVT bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA210IDBVT bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 44 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT Voltage Supply voltage, VS = (V+) – (V–) 40 V Signal input pins(2) (V–) – 0.5 (V+) + 0.5 Signal input pins Differential 1 Current Signal input pins(2) –10 10 mA Output short circuit(3) Continuous Temperature Junction, TJ 150 °C Storage temperature, Tstg –65 150 (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the de vice. Theseare stress ratings only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability. (2) For input voltages beyond the power-supply rails, voltage orcurrent must be limited. (3) Short circuit to ground, one amplifier per package. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±4000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1500 (1) JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Specified voltage, VS ±2.25 ±18 V Specified temperature –40 125 °C Operating temperature, TA –55 150 °C OPA210, OPA2210 SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021 www.ti.com 4 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: OPA210 OPA2210 |