| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUX508IPWR.B bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX508IPWR.B bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 42 page ![]() VDD VDD VSS VSS VS Output 300 Ÿ 35 pF MUX508 EN A0 A1 A2 S1 S2-S8 D GND VIN 3 V Enable Drive (VIN) 0 V 50% 50% tON (EN) tOFF (EN) 0.1 VS 0.9 VS Output Copyright © 2016, Texas Instruments Incorporated 19 MUX508, MUX509 www.ti.com SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016 Product Folder Links: MUX508 MUX509 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 8.7 Turn-On and Turn-Off Time Turn-on time is defined as the time taken by the output of the MUX50x to rise to a 90% final value after the enable signal has risen to a 50% final value. Figure 31 shows the setup used to measure turn-on time. Turn-on time is denoted by the symbol tON. Turn-off time is defined as the time taken by the output of the MUX50x to fall to a 10% initial value after the enable signal has fallen to a 50% initial value. Figure 31 shows the setup used to measure turn-off time. Turn-off time is denoted by the symbol tOFF. Figure 31. Turn-On and Turn-Off Time Measurement Setup |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |