công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3318CPWR.A bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện MAX3318CPWR.A
Giải thích chi tiết về linh kiện  2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3318CPWR.A bảng dữ liệu(HTML) 1 Page - Texas Instruments

  MAX3318CPWR.A Datasheet HTML 1Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 2Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 3Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
READY
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
DB OR PW PACKAGE
(TOP VIEW)
MAX3318
www.ti.com
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
Check for Samples: MAX3318
1
FEATURES
DESCRIPTION
The MAX3318 is a dual-driver, dual-receiver, RS-232
•
ESD Protection for RS-232 I/O Pins
compatible transceiver. The device features auto-
–
±15 kV (Human-Body Model)
power-down
plus
and
enhanced
electrostatic
–
±8 kV (IEC 61000-4-2, Contact Discharge)
discharge (ESD) protection integrated into the chip.
Driver output and receiver input are protected to ±8
–
±8 kV (IEC 61000-4-2, Air-Gap Discharge)
kV using the IEC 61000-4-2 Air-Gap Discharge
•
300-
μA Operating Supply Current
method, ±8 kV using the IEC 61000-4-2 Contact
•
1-
μA Low-Power Standby (With Receivers
Discharge method, and ±15 kV using the Human-
Active) Mode
Body Model (HBM).
•
Designed to Transmit at a Data Rate of
The device operates at a data rate of 460 kbps. The
460 kbps
transceiver has a proprietary low-dropout driver
output stage enabling RS-232-compatible operation
•
Auto-Power-Down Plus Option Features
from a 2.25-V to 3-V supply with a dual charge pump.
Flexible Power-Saving Mode
The
charge
pump
requires
only
four
0.1-
μF
•
Operates From a Single 2.25-V to 3-V VCC
capacitors and features a logic-level output (READY)
Supply
that asserts when the charge pump is regulating and
the device is ready to begin transmitting.
APPLICATIONS
The MAX3318 achieves a 1-
μA supply current using
•
Battery-Powered Systems
the
auto-power-down
feature.
This
device
•
PDAs
automatically enters a low-power power-down mode
when the RS-232 cable is disconnected or the drivers
•
Cellular Phones
of the connected peripherals are inactive for more
•
Notebooks
than 30 s. The device turns on again when it senses
•
Hand-Held Equipment
a valid transition at any driver or receiver input. Auto
power down saves power without changes to the
•
Pagers
existing BIOS or operating system.
This
device
is
available
in
two
space-saving
packages: 20-pin SSOP and 20-pin TSSOP.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - MAX3318CPWR.A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MAX3318CPWR.A TI2-MAX3318CPWR.A Datasheet
515Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
More results

Mô tả tương tự - MAX3318CPWR.A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
logo
Texas Instruments
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com