công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3318CPWR.A bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện MAX3318CPWR.A
Giải thích chi tiết về linh kiện  2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3318CPWR.A bảng dữ liệu(HTML) 2 Page - Texas Instruments

  MAX3318CPWR.A Datasheet HTML 1Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 2Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 3Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MAX3318
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DETAILED DESCRIPTION
Flexible control options for power management are featured when the serial port and driver inputs are inactive.
The auto-power-down plus feature functions when FORCEON is low and FORCEOFF is high. During this mode
of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for
approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to 1
μA.
By disconnecting the serial port or placing the peripheral drivers off, auto-power-down plus can be disabled when
FORCEON and FORCEOFF are high. With auto-power-down plus enabled, the device activates automatically
when a valid signal is applied to any receiver or driver input. INVALID is high (valid data) if any receiver input
voltage is greater than 2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less than 30
μs
(typical number). INVALID is low (invalid data) if all receiver input voltage are between –0.3 V and 0.3 V for more
than 30
μs (typical number).
FUNCTION TABLE(1)
INPUT CONDITIONS
OUTPUT STATES
VALID
RECEIVER
OPERATING
RS-232
OR DRIVER
MODE
FORCEON
FORCEOFF
LEVEL
DRIVER
RECEIVER
INVALID
READY
EDGE
PRESENT AT
WITHIN 30 s
RECEIVER
Auto-Power-Down Plus Conditions
Normal operation,
H
H
No
No
Active
Active
L
H
auto-power-down
plus disabled
Normal operation,
H
H
No
Yes
Active
Active
H
H
auto-power-down
plus disabled
Normal operation,
L
H
Yes
No
Active
Active
L
H
auto-power-down
plus enabled
Normal operation,
L
H
Yes
Yes
Active
Active
H
H
auto-power-down
plus enabled
Power down,
L
H
No
No
Z
Active
L
L
auto-power-down
plus enabled
Power down,
L
H
No
Yes
Z
Active
H
L
auto-power-down
plus enabled
Manual power
X
L
X
No
Z
Active
L
L
down
Manual power
X
L
X
Yes
Z
Active
H
L
down
Auto-Power-Down Conditions
Power down, auto
INVALID
INVALID
X
No
Z
Active
L
L
power down
enabled
Normal operation,
INVALID
INVALID
X
Yes
Active
Active
H
H
auto power down
enabled
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: MAX3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com