| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX-SIP-SFEU-API bảng dữ liệu(PDF) 16 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX-SIP-SFEU-API bảng dữ liệu(HTML) 16 Page - ON Semiconductor |
|
16 / 20 page ![]() AX−SIP−SFEU, AX−SIP−SFEU−API www.onsemi.com 16 Table 10. REGISTERS Number Name Description Default Range Units 300 Out Of Band Period AX−SIP−SFEU sends periodic static messages to indicate that it is alive. Set to 0 to disable. 24 0−24 hours 302 Power Level The output power of the radio. Note: this set- ting is used for all TX modes except AT$CW. 14 0−14 0: −1dBm 14: 13 dBm 410 Encryption Key Configuration Set to zero for normal operation. Set to one for use with the Sigfox Network Emulator Kit (SNEK). 0 0−1 0: private key 1: public key 411 Specific ID and Key for certification Set to zero for use of regular device ID and key. Set to one to use specific ID and key for test sample devices for Sigfox certification. 0 0−1 0: regular sample 1: test sample 500 RSSI Offset RSSI offset value can be applied to fine tune the RSSI level that the device reports. 0 −128…127 dB APPLICATION INFORMATION Typical Application Diagrams Typical AX−SIP−SFEU / AX−SIP−SFEU−API Application Diagram Figure 5. Typical Application Diagram |