| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F14X bảng dữ liệu(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F14X bảng dữ liệu(HTML) 69 Page - Texas Instruments |
|
69 / 88 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F1481IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IRTDT.A Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F148IPAG Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F148 MSP430F148IPAG.A Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F148 MSP430F148IPAG.B Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F148 MSP430F148IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IPM.A Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IPMR.A Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # MSP430F148IRTDR Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F148IRTDR.A Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F148IRTDR.B Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F148IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F148IRTDT.A Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F148IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F148 MSP430F1491IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IPM.A Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 Addendum-Page 4 |