| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC58NG80C3 bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NG80C3 bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 139 page ![]() Electrical characteristics SPC584Gx, SPC58EGx, SPC58NGx 48/139 DS11758 Rev 6 4.11.4 Low power RC oscillator Table 25. 1024 kHz internal RC oscillator electrical characteristics Symbol C Parameter Conditions Value Unit Min Typ Max Fsirc CC T Slow Internal RC oscillator frequency — — 1024 — kHz δfvar_T CC P Frequency variation across temperature –40 °C < T < 150 °C –9 — +9 % δfvar_V CC P Frequency variation across voltage –40 °C < T < 150 °C –5 — +5 % Isirc CC T Slow Internal RC oscillator current T = 55 °C — — 6 µA Tsirc CC T Start up time, after switching ON the internal regulator. —— — 12 µS |