công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPM01 bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện STPM01
Giải thích chi tiết về linh kiện  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 52Page - STMicroelectronics STPM01_V01 Datasheet HTML 53Page - STMicroelectronics STPM01_V01 Datasheet HTML 54Page - STMicroelectronics STPM01_V01 Datasheet HTML 55Page - STMicroelectronics STPM01_V01 Datasheet HTML 56Page - STMicroelectronics STPM01_V01 Datasheet HTML 57Page - STMicroelectronics STPM01_V01 Datasheet HTML 58Page - STMicroelectronics STPM01_V01 Datasheet HTML 59Page - STMicroelectronics STPM01_V01 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Package mechanical data
STPM01
56/60
Doc ID 10853 Rev 8
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60