| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA680 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 48 page ![]() Block diagram and pin description STA680 14/48 DS5877 Rev 13 N11 P15 SDR_D4 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 4 P11 T14 SDR_D5 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 5 N12 R14 SDR_D6 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 6 P12 U14 SDR_D7 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 7 P8 P12 SDR_D8 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 8 N8 T12 SDR_D9 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 9 M8 R12 SDR_D10 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 10 P7 U12 SDR_D11 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 11 N7 U13 SDR_D12 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 12 M7 R13 SDR_D13 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 13 P6 P13 SDR_D14 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 14 N6 T13 SDR_D15 I/O - 3.3 V SDRAM IO supply SDRAM bidirectional data bit 15 N13 U10 SDR_DQM0 O - 3.3 V SDRAM IO supply Low-byte data input/output mask M13 U9 SDR_DQM1 O - 3.3 V SDRAM IO supply High-byte data input/output mask G13 T11 SDR_WE_N O - 3.3 V SDRAM IO supply Active-low write enable Table 2. Ball-out description (continued) LFBGA Ball # TFBGA Ball # Signal name Type Pull-up /down(1) Electrical Supply group Description |