| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393DGKR.A bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM393DGKR.A bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM2903QDRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 2903Q LM2903VQDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903V LM2903VQDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903V LM2903VQDRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 L2903V LM2903VQPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903V LM2903VQPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903V LM2903VQPWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903V LM2903VQPWRG4 Obsolete Production TSSOP (PW) | 8 - - Call TI Call TI -40 to 125 L2903V LM293ADGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (MDP, MDS, MDU) LM293ADGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (MDP, MDS, MDU) LM293ADGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R - Call TI Call TI -25 to 85 LM293ADR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM293A LM293ADR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM293A LM293ADR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM293A LM293D Obsolete Production SOIC (D) | 8 - - Call TI Call TI -25 to 85 LM293 LM293DGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -25 to 85 (MCP, MCS, MCU) LM293DGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (MCP, MCS, MCU) LM293DGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (MCP, MCS, MCU) LM293DGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R - Call TI Call TI -25 to 85 LM293DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM293 LM293DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM293 LM293DRG3 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 LM293 LM293DRG3.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 LM293 LM293P Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM293P LM293P.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM293P LM293P.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM293P LM293PE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI -25 to 85 LM393ADGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (M8P, M8S, M8U) LM393ADGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (M8P, M8S, M8U) LM393ADGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R - Call TI Call TI 0 to 70 LM393ADR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM393A Addendum-Page 3 |