| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393DGKR.A bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM393DGKR.A bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM2903BIDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903B LM2903BIDSGR Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIDSGR.A Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIDSGR.B Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIDSGRG4 Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIDSGRG4.A Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIDSGRG4.B Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 903B LM2903BIPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903B LM2903BIPWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903B LM2903DGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (MAP, MAS, MAU) LM2903DGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (MAP, MAS, MAU) LM2903DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LM2903 LM2903DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LM2903 LM2903DRG3 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LM2903 LM2903DRG3.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LM2903 LM2903P Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 125 LM2903P LM2903P.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 125 LM2903P LM2903P.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 125 LM2903P LM2903PSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWRG3 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWRG3.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWRG4.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903PWRG4.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 L2903 LM2903QD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2903Q LM2903QD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2903Q Addendum-Page 2 |