công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7301IMX/NOPB bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện LM7301IMX/NOPB
Giải thích chi tiết về linh kiện  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301IMX/NOPB bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button LM7301IMX/NOPB Datasheet HTML 14Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 15Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 16Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 17Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 18Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 19Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 20Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 21Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
I_CHARGE (Amp)
0
1
2
3
4
5
0
3
6
9
12
15
18
D002
0.1 :
0.2 :
0.5 :
1 :
I_CHARGE (A)
0
0.02
0.04
0.06
0.08
0.1
0
0.02
0.04
0.06
0.08
0.1
D003
0.1 :
0.2 :
0.5 :
1 :
Frequency (Hz)
100
1000
10000
100000
1000000
1E+7
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
D001
0
10 pF
100 pF
1 nF
10 nF
OUT
SENSE
CHARGE _ MAX
SENSE
R3
V
R
I
R
15
R1
D
= D
´
´
= D
´
18
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Typical Applications (continued)
Self-heating of RSENSE causing ΔRSENSE with ICHARGE_MAX flowing:
(7)
8.2.2.5 Frequency Response
Depending on the application, it may be useful to have the means to control the upper end of the circuit’s
frequency response. An example is limiting the circuit’s response to high-frequency load current spikes or
switching frequencies so that the circuit only reacts to DC or lower frequencies. Capacitor C1 in Figure 27 can be
used to accomplish just that. The original circuit has a –3-dB bandwidth close to 4.5 MHz which can be reduced
by increasing the value of C1, as shown in Figure 28.
Figure 28. Current Sense Frequency Response vs C1 Value
8.2.3 Application Curves
Figure 29 shows the transfer function of the circuit for several values of RSENSE. Notice that with 1 Ω, the output
is limited to approximately 16 V because of the additional drop across the sense resistor at higher load currents.
Figure 30 shows the low-end of the load current is more non-linear for low RSENSE values, as noted in
Selecting RSENSE due to VOS. Higher RSENSE values help with this at the expense of a higher loss and voltage
drop.
Use lower sense resistor value to avoid voltage limitation!
Figure 29. Current Sense Transfer Function for Various
RSENSE Values
Line showing linearity degradation at the lower end.
Figure 30. Low-End Transfer Function for Various RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com