công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7301IMX/NOPB bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện LM7301IMX/NOPB
Giải thích chi tiết về linh kiện  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301IMX/NOPB bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button LM7301IMX/NOPB Datasheet HTML 13Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 14Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 15Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 16Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 17Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 18Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 19Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 20Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
OS
OUT
OS
I
R2
R3
V
I
10 k
R1
D
´
´
D
=
=
´
OS
OUT
OS
V
R3
V
5 V
R1
D
´
D
=
= D
R3
5
R1
=
OUT
SENSE
CHARGE _ MAX
V
R3
R1
R
I
=
´
CHARGE _ MIN
I
30 mA
>
OS
SENSE
CHARGE_MIN
V
R
I
>
17
LM7301
www.ti.com
SNOS879I – AUGUST 1999 – REVISED MAY 2016
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1 Design Requirements
The output port is designed for easy interface; it is ground-referenced and it produces 0 V with 0 A of load
current. A typical stage that follows this stage, an ADC which samples the load current for example, is easily
connected to the Q1 collector with no level shifting or additional biasing required.
Apart from a wide supply voltage capability, the operational amplifier used in Figure 27 must have an input
voltage range that includes the V+ rail voltage to allow high side current sensing. Furthermore, it should be unity
gain stable and have an output voltage range which is less than one Vbe from V+. The LM7301 has all these
requirements.
8.2.2 Detailed Design Procedure
8.2.2.1 Selecting RSENSE
Pick the value of RSENSE low enough to minimize its heat / voltage loss while observing Equation 1 for minimum
detectable load current, ICHARGE_MIN , and device offset voltage, VOS:
(1)
With the schematic values shown and LM7301's VOS limit of 6 mV:
(2)
If the system has the ability to be initialized and corrected for initial readings, it may be possible to lower the
value of RSENSE.
8.2.2.2 Selecting R1, and R3 Values
Pick the R3 / R1 ratio to get the proper full-scale VOUT when the maximum load current, ICHARGE_MAX, flows:
(3)
For example, to get 3-V output with 3 A of load current when RSENSE = 0.2 Ω results in:
(4)
Ensure that the resulting transfer function also satisfies the application’s need when the minimum load current,
ICHARGE_MIN is being sensed. In this example, the minimum output voltage will be 30 mV (when ICHARGE_MIN = 30
mA).
With the R3/R1 ratio determined, pick the value of R3 for Q1 collector current less than 1 mA at the maximum
VOUT, and determine R1 from that.
8.2.2.3 R1, R2 Selection
Normally, R2 is set equal to R1 to cancel out the error term due to the input bias current, IB (approximately 200
nA for the LM7301).
8.2.2.4 Error Terms Expressions
Here are the expressions for the output change caused by various parameter shifts, evaluated for Figure 27
values with ICHARGE_MAX= 3 A:
Offset Voltage, ΔVOS:
(5)
Offset current, IOS:
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com