| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358BAIDDFRG4.B bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFRG4.B bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 68 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 6-Sep-2025 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM2904AVQDR SOIC D 8 2500 330.0 12.5 6.4 5.2 2.1 8.0 12.0 Q1 LM2904AVQDRG4 SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904AVQDRG4 SOIC D 8 2500 330.0 12.5 6.4 5.2 2.1 8.0 12.0 Q1 LM2904AVQPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904AVQPWRG4 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904BAIDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 LM2904BAIDGKR VSSOP DGK 8 2500 330.0 12.4 5.25 3.35 1.25 8.0 12.0 Q1 LM2904BAIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BAIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BAIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BAIPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904BIDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 LM2904BIDGKR VSSOP DGK 8 2500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LM2904BIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904BIPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904DGKR VSSOP DGK 8 2500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LM2904DR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904DR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904DR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904PSR SO PS 8 2000 330.0 16.4 8.35 6.6 2.4 12.0 16.0 Q1 LM2904PWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904QDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904VQDR SOIC D 8 2500 330.0 12.5 6.4 5.2 2.1 8.0 12.0 Q1 LM2904VQDRG4 SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2904VQPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM2904VQPWRG4 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358ADGKR VSSOP DGK 8 2500 330.0 12.4 5.25 3.35 1.25 8.0 12.0 Q1 LM358ADR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM358ADR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM358ADR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM358ADR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM358APWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358BAIDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 LM358BAIDDFRG4 SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 LM358BAIDGKR VSSOP DGK 8 2500 330.0 12.4 5.25 3.35 1.25 8.0 12.0 Q1 LM358BAIDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 Pack Materials-Page 2 |