công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM358BAIDDFRG4.B bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện LM358BAIDDFRG4.B
Giải thích chi tiết về linh kiện  Industry-Standard Dual Operational Amplifiers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM358BAIDDFRG4.B bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button LM358BAIDDFRG4.B Datasheet HTML 27Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 28Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 29Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 30Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 31Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 32Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 33Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 34Page - Texas Instruments LM358BAIDDFRG4.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Changes from Revision X (June 2020) to Revision Y (February 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added SOT23-8 (DDF) package information throughout data sheet................................................................. 1
• Deleted preview tag from LM358B and LM2904B VSSOP (8) package in Device Information table.................1
• Added SOT23-8 (DDF) package information to the Pin Configuration and Functions section...........................3
• Added DDF (SOT-23) package to the Thermal Information table...................................................................... 5
Changes from Revision W (October 2019) to Revision X (June 2020)
Page
• Added application links to Applications section.................................................................................................. 1
• Deleted preview tag from LM358B and LM2904B TSSOP (8) package in Device Information table ................1
Changes from Revision V (September 2018) to Revision W (October 2019)
Page
• Changed CDM ESD rating for LM358B and LM2904B in ESD Ratings ............................................................4
• Changed VS to V+ in Recommended Operating Conditions ............................................................................. 5
• Changed Thermal Information for the LM158FK and LM158JG devices........................................................... 5
• Added Typical Characteristics section for the LM358B and LM2490B op amps.............................................. 15
• Added test circuit for THD+N and small-signal step response, G = –1 in the Parameter Measurement
Information section........................................................................................................................................... 24
• Changed the Functional Block Diagram .......................................................................................................... 25
Changes from Revision U (January 2017) to Revision V (September 2018)
Page
• Changed the data sheet title ............................................................................................................................. 1
• Changed first four items in the Features section ...............................................................................................1
• Changed the first item in the Applications section and added four new items .................................................. 1
• Changed voltage values in the first paragraph of the Description section..........................................................1
• Changed text in the second paragraph of the Description section.....................................................................1
• Added devices LM358B and LM2904B to data sheet........................................................................................ 1
• Changed the first three rows of the Device Information table and added a cross-referenced note for
PREVIEW-status devices................................................................................................................................... 1
• Added a table note to the Pin Functions table ...................................................................................................3
• Changed "free-air temperature" to "ambient temperature" in the Absolute Maximum Ratings
condition statement.............................................................................................................................................4
• Changed all entries in the Absolute Maximum Ratings table except TJ and Tstg .............................................. 4
• Deleted lead temperature and case temperature from Absolute Maximum Ratings ......................................... 4
• Changed device listings and their voltage values in the ESD Ratings table ..................................................... 4
• Changed "free-air temperature" to "ambient temperature" in the Recommended Operating Conditions
condition statement ........................................................................................................................................... 5
• Changed table entries for all parameters in the Recommended Operating Conditions table.............................5
• Added rows to the Thermal Information table, and a table note regarding device-package combinations ....... 5
• Deleted the Operating Conditions table............................................................................................................14
• Added a condition statement to the Typical Characteristics section.................................................................22
• Changed specific voltages to a Recommended Operating Conditions reference............................................ 25
• Changed unity-gain bandwidth from 0.7 MHz for all devices to 1.2 MHz for B-version devices...................... 26
• Changed slew rate from.3 V/µs for all devices to o.5 V/µs for B-version devices............................................ 26
• Changed the Input Common-Mode Range section in multiple places throughout........................................... 26
• Changed VCC to VS in the Application Information section ..............................................................................27
• Subscripted the suffixes fro RI and RF .............................................................................................................27
www.ti.com
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AB – JUNE 1976 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68