| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA190 bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA190 bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 48 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 19-Sep-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant INA190A1IDCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA190A1IDCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA190A1IDCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA190A1IDCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA190A1IDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 INA190A1IDDFRG4 SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 INA190A1IRSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA190A1IRSWRG4 UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA190A1IRSWT UQFN RSW 10 250 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA190A2IDCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA190A2IDCKRG4 SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA190A2IDCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA190A2IDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 INA190A2IRSWR UQFN RSW 10 3000 180.0 9.5 1.6 2.0 0.8 4.0 8.0 Q1 Pack Materials-Page 1 |