| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA190 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA190 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA190A3IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DR INA190A3IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DR INA190A3IDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 1DR INA190A3IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZIW INA190A3IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZIW INA190A3IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZIW INA190A3IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZIW INA190A3IRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AO INA190A3IRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AO INA190A3IRSWRG4.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AO INA190A3IRSWT Last Time Buy Production UQFN (RSW) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AO INA190A4IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DS INA190A4IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DS INA190A4IDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DS INA190A4IDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DS INA190A4IDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 1DS INA190A4IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZJW INA190A4IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZJW INA190A4IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZJW INA190A4IRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AP INA190A4IRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AP INA190A4IRSWT Last Time Buy Production UQFN (RSW) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AP INA190A5IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DT INA190A5IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DT INA190A5IDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 1DT INA190A5IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZKW INA190A5IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZKW INA190A5IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZKW INA190A5IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZKW Addendum-Page 2 |