công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DST-SW-DCOM bảng dữ liệu(PDF) 88 Page - Greenlee Communications

tên linh kiện DST-SW-DCOM
Giải thích chi tiết về linh kiện  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLEE [Greenlee Communications]
Trang chủ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM bảng dữ liệu(HTML) 88 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 84Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 85Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 86Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 87Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 88Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 89Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 90Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 91Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 92Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
364
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
• Connectors twist onto cable for quick installation
• Sharp threads firmly grip cable for good connections
• EZ-SPIN™ hex nut for easy installation
Twist-On Cable TV “F” Connectors
RG59
RG6
DESCRIPTION
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9694
PA9695
SealTite® RCA Compression Connectors
SealTite® BNC Compression Connectors
• Patented design with 360º cable gripping sleeve
• Full gold contacts for low signal loss
• Includes slip-on color bands for easy cable identification
• A set of bands includes 4 red, 2 green, 2 blue, 2 yellow
and 2 white per ten connectors
• Constructed from solid brass with nickel plating
• Patented design with 360º cable gripping sleeve
• Full gold contacts for low signal loss
• Includes slip-on color bands for easy cable identification
• A set of bands includes 4 red, 2 green, 2 blue, 2 yellow
and 2 white per ten connectors
• Constructed from solid brass with nickel plating
SealTite® Cable TV “F” Compression Connectors
• Large hex nut for easy installations
• Patented design with 360º cable gripping sleeve
• Solid brass construction with nickel plating to prevent UV degradation
• Crimp-on style cable TV “F” connectors
• All-brass with nickel plating for durability
• Designed for indoor use
Hex Crimp Cable TV “F” Connectors
*Also available in retail jar pack, PA9687.
RG59
RG6 &
RG6 Quad RG6 Quad
DESCRIPTION
CAT. NO.
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9642
PA9643
PA9644
20 Pack Clamshell
PA9610
PA9611
PA9612
50 Pack Jar
PA9645
PA9646
PA9647
100 Pack Bulk
N/A
PA9614
PA9615
RG59
RG6 &
RG6 Quad
DESCRIPTION
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9720
PA9714
50 Pack Jar
PA9721
PA9716
RG59
RG6 &
RG6 Quad
DESCRIPTION
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9730
PA9715
50 Pack Jar
PA9731
PA9740
RG59
RG6
RG6 Quad
DESCRIPTION
CAT. NO.
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9676
PA9677
PA9678
PA9642
PA9714
PA9715
PA9676
PA9694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More