| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DST-SW-DCOM bảng dữ liệu(PDF) 87 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-DCOM bảng dữ liệu(HTML) 87 Page - Greenlee Communications |
|
87 / 108 page ![]() 363 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com CAT. NO. DESCRIPTION PA901024 SealTite® Crimper SealTite® 59/6 CATV “F” Compression Crimper • Performs compression crimping of waterproof CATV “F” connectors for RG59 and RG6/RG6 Quad 75 ohm coaxial cables • Works on Augat/T&B Snap-N-Seal™ connectors, AIM CATV “F” waterproof connectors and Paladin SealTite™ connectors • Fully ratcheting one-cycle crimp function RG59/6Q-7/11 Pro Coax Compression Tool CAT. NO. DESCRIPTION PA70020 RG59/6Q-7/11 Pro Coax Compression Tool • Versatile tool crimps RG59, RG6, RG6 Quad , RG 7/11, BNC and RCA Compression Connectors • Cable holder rotates to accommodate different connector sizes • Adjustable Crimp length accommodates most manufacturers' connectors • Once adjusted, no additional parts or adapters are needed to change from one crimp style to another PA70020 PA901024 |