công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB100BTR bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện SPSB100BTR
Giải thích chi tiết về linh kiện  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 26Page - STMicroelectronics SPSB100BTR Datasheet HTML 27Page - STMicroelectronics SPSB100BTR Datasheet HTML 28Page - STMicroelectronics SPSB100BTR Datasheet HTML 29Page - STMicroelectronics SPSB100BTR Datasheet HTML 30Page - STMicroelectronics SPSB100BTR Datasheet HTML 31Page - STMicroelectronics SPSB100BTR Datasheet HTML 32Page - STMicroelectronics SPSB100BTR Datasheet HTML 33Page - STMicroelectronics SPSB100BTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 213 page
background image
3.6.2.6
FBB voltage drop management
SPSB100 monitors the voltage on FBB pin. The state machine reacts in case of FBB pin voltage drops below
VFBB_UV_F threshold by executing a power-down sequence and transitioning to RECOVERY-2 then INIT state. In
INIT state SPSB100 restarts when the FBB pin voltage rises above VFBB_OK_R.
Figure 19. FBB pin voltage fault reaction
ACTIVE
state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
Execute
Power-Up
sequence
Finished OK
INIT
state
REC-1
state
Execute
Power-Down
sequence
REC-2
state
VFBB ≤ VFBB_UV_F
VFBB ≤ VFBB_UV_F
VFBB ≤ VFBB_UV_F
VFBB_OK_R < VFBB < VFBB_OV
* when LOW_SET = 1111, watchdog service is disabled
(WD LOW trigger OK*) & (all
flag cleared)
In case VS pin voltage drops below VPORVS_F a hard reset of SPSB100 is generated independently of SPSB100
current state, the POWER-OFF state is forced. SPSB100 starts up again after VS pin voltage rises above
VPORVS_R.
Figure 20. VS pin voltage fault reaction
Power
OFF
START -UP
state
any
STATE
SPSB100
unpowered
V
VS
> V
PORVS_R
VVS < VPORVS_F
SPSB100
Functional description
DS14640 - Rev 2
page 30/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com