| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB100BTR bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100BTR bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 213 page ![]() Figure 16. State machine details onTSDC fault ACTIVE state WD trigger OK* LOW-POWER mode FULL-POWER mode SPI cmd SPI cmd WD trigger OK* TSD event & T ° cooled down & cnt < 3 Execute Power-Up sequence Finished OK DEEP-SLEEP state INIT state Wake-up event REC-1 state TSDC Execute Power-Down sequence REC-2 state TSD event & not T ° cooled down TSD event & cnt ≥ 3 TSDC NFSO asserted VFBB_OK_R < VFBB < VFBB_OV * when LOW_SET = 1111, watchdog service is disabled (WD LOW trigger OK*) & (all flag cleared) 3.6.2.5 Regulator faults management Each SPSB100 regulator has the following monitors: • Temperature sensor with a warning threshold (TW) and a shut-down threshold (TSD) • Undervoltage comparator (UV) except for LDO1 • Overvoltage comparator (OV) • Power-good comparator (PG_TIMEOUT) • Overcurrent comparator (OC) on BUCKs • Internal regulator comparator (INT_FAIL) on BUCKs • FB pin disconnection (FBLOSS for BUCK1 and BUCK2) The user can decide how SPSB100 shall react on an event of those monitors, this is done through the USER- NVM bit REGFAIL_GO_REC of each of them. A TW event sets the associated flag and generates an interruption, while the reaction to a TSD, UV, PG_TIMEOUT, OC, INT_FAIL, FBLOSS and OV event depends on the regulator REGFAIL_GO_REC bit. When REGFAIL_GO_REC is set to ‘1’, a fault detected on regulator TSD, UV, PG_TIMEOUT, OC, INT_FAIL, FBLOSS and OV monitors will initiate a power-down sequence, then the state machine transits to INIT state and runs a power-up sequence: if a fault is detected then the retry sequence described in the Section 3.6.2.3: Power- up fault management is executed. In the case of TSD the SPSB100 reaction is the same as for the TSDC event described in the Section 3.6.2.4: Central thermal sensor fault management. A fault event counter REG_FAIL_CNT is incremented when a power-down sequence is initiated by a regulator fault event. When the counter reaches 3, SPSB100 transits to DEEP-SLEEP state where the counter is reset and the SPI flag FORCED_SLEEP_REGFAIL is set. REG_FAIL_CNT is cleared by SPI bit CLR_REG_FAIL_CNT. SPSB100 Functional description DS14640 - Rev 2 page 27/213 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |