công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC16C852LIB bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện SC16C852LIB
Giải thích chi tiết về linh kiện  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
8 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
5.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
LQFP48
HVQFN32
TFBGA36
A0
28
20
D5
I
Address 0 select bit. Internal register address selection.
A1
27
19
D6
I
Address 1 select bit. Internal register address selection.
A2
26
18
E6
I
Address 2 select bit. Internal register address selection.
CDA
40
--I
Carrier Detect (active LOW). These inputs are associated with
individual UART channels A through B. A logic 0 on this pin
indicates that a carrier has been detected by the modem for that
channel.
CDB
16
-
-
I
CSA/CS
10
7
E2
I
When 16/68 pin is at logic 1 (or unconnected), this input is chip
select for channel A.
When 16/68 pin is at logic 0, this input becomes the chip select for
both channels (Motorola mode).
CSB/A3
11
8
F1
I
When 16/68 pin is at logic 1 (or unconnected), this input is chip
select for channel B.
When 16/68 pin is at logic 0, this input becomes the address line
A3 which is used for channel selection; a logic 0 selects channel A
and a logic 1 selects channel B.
CTSA
38
25
A5
I
Clear to Send (active LOW). These inputs are associated with
individual UART channels, A through B. A logic 0 on the CTSx pin
indicates the modem or data set is ready to accept transmit data
from the SC16C852L. Status can be tested by reading MSR[4].
CTSB
23
16
E5
I
DSRA
39
-
-
I
Data Set Ready (active LOW). These inputs are associated with
individual UART channels, A through B. A logic 0 on this pin
indicates the modem or data set is powered-on and is ready for
data exchange with the UART. Status can be tested by reading
MSR[5].
DSRB
20
-
-
DTRA
34
-
-
O
Data Terminal Ready (active LOW). These outputs are
associated with individual UART channels, A through B. A logic 0
on this pin indicates that the SC16C852L is powered-on and ready.
This pin can be controlled via the modem control register. Writing a
logic 1 to MCR[0] will set the DTR output to logic 0, enabling the
modem. This pin will be a logic 1 after writing a logic 0 to MCR[0],
or after a reset.
DTRB
35
-
-
D0
44
27
A3
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data
bus for transferring information to or from the controlling CPU. D0
is the least significant bit and the first data bit in a transmit or
receive serial data stream.
D1
45
28
B3
I/O
D2
46
29
A2
I/O
D3
47
30
B2
I/O
D4
48
31
A1
I/O
D5
1
32
B1
I/O
D6
2
1
C3
I/O
D7
3
2
C1
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com