| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C852LIB bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 63 page ![]() SC16C852L_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 18 January 2008 49 of 63 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 20. Receive ready timing in non-FIFO mode (16 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac613 next data start bit stop bit parity bit td(stop-RXRDY) RXA, RXB RXRDYA, RXRDYB IOR active data ready start bit data bits (0 to 7) active td(IOR-RXRDYH) Fig 21. Receive ready timing in non-FIFO mode (68 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac620 next data start bit stop bit parity bit td(stop-RXRDY) RXA, RXB RXRDYA, RXRDYB CS (read) active data ready start bit data bits (0 to 7) active td(CS-RXRDYH)R |