| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99UDL01 bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99UDL01 bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 88 page ![]() Programmers guide L99UDL01 66/88 DS12511 Rev 5 When the C/PWM_SW_x bit is set the OCPx_y bits set up the PWM level for Output1-3 or Group 1 according to the following table. When the C/PWM_SW_x bit is set to “0” then the OCPx_y bits determine the current regulation levels according to the following table (for bit values see Figure 21: 05H driver configuration register 4): 1 OCP4_0 Out 4 Curr/PWM CNTL bit 0 0 LSB Parity Table 40. Current / duty cycle bit description Current / PWM bit selection Bit %Duty OCPx_3 OCPx_2 OCPx_1 OCPx_0 Value Cycle 00 00 0 6.25 00 01 1 12.5 0 0 1 0 2 18.75 00 11 325 0 1 0 0 4 31.25 01 01 5 37.5 0 1 1 0 6 43.75 01 11 750 1 0 0 0 8 56.25 10 01 9 62.5 1 0 1 0 10 68.75 10 11 11 75 1 1 0 0 12 81.25 11 01 13 87.5 1 1 1 0 14 93.75 11 11 15 100 Table 39. 05H register bit description (continued) Bit No. Function Level |