| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9305EP bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 107 page ![]() FAULTn Masking function Register & Data Bit Internal Global Register Error None CP Under Voltage Fault SERVFLTMSK1, D[3] Configuration Register Mismatch Fault SERVFLTMSK1, D[2] VBATP Over Voltage Fault SERVFLTMSK1, D[1] Core Over Temperature Fault SERVFLTMSK1, D[0] SPI Protocol Error Fault SERVFLTMSK2 D[15] IN 3 Echo Fault SERVFLTMSK2 D[4] IN 2 Echo Fault SERVFLTMSK2 D[3] IN 1 Echo Fault SERVFLTMSK2 D[2] IN 0 Echo Fault SERVFLTMSK2 D[1] EN_DR Echo Fault SERVFLTMSK2 D[0] Table 6. Solenoid channel and fail safe fault pin error masking FAULTn Masking function Register & Data Bit E_Sol_Thermal Warning DRVFLTMSK1,D[15] EEPROM CRC Error on CSA Calibration Data DRVFLTMSK1,D[14] EEPROM CRC Error on ADC Trimming Bits DRVFLTMSK1,D[13] PWM check fault DRVFLTMSK1,D[12] E_Sol_Open Load Fault DRVFLTMSK1,D[6] E_Sol_Short Fault DRVFLTMSK1,D[5] E_Sol_ADC Fault DRVFLTMSK1,D[4] E_LSCLAMP Fault DRVFLTMSK1,D[3] E_Sol_HS Over Current Fault DRVFLTMSK1,D[2] E_Sol_LS Over Current Fault DRVFLTMSK1,D[1] E_Sol Over Temperature Fault DRVFLTMSK1,D[0] Out of Regulation Fault DRVFLTMSK2,D[4] GND_SOL Loss Fault DRVFLTMSK2,D[3] E_RAM_CRC_ERR Fault DRVFLTMSK2,D[2] E_SOL_HS/LS Fault DRVFLTMSK2,D[1] E_CFG_REG_FAIL Fault DRVFLTMSK2,D[0] 4.5 SPI communications (CS, SCLK, MOSI & MISO) The CS, SCLK, MOSI & MISO pins provide serial communications between the device and the microcontroller. Please see Section 9: SPI for details on SPI features, device register functions and electrical characteristics. L9305 Input / Output DS12774 - Rev 10 page 12/107 |