| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9026 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9026 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 60 page ![]() Symbol Description Test condition Min Typ Max Unit (Channels used as High-Side) tOVLIN Over Load threshold switch delay time Covered by SCAN 110 170 260 µs tOFF(OVL) Over Load shut-down delay time BIM.OUTn = 0B 4 7 11 µs TJ(SC) Thermal shut-down temperature - 182 192 202 °C tRETRY Restart time in Limp Home mode Covered by SCAN 29 41 52 ms tOVC Restart time in Limp Home mode Covered by SCAN - - 50 µs L9026 Protection functions DS13397 - Rev 9 page 32/60 |