công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L5963 bảng dữ liệu(PDF) 46 Page - STMicroelectronics

tên linh kiện L5963
Giải thích chi tiết về linh kiện  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 bảng dữ liệu(HTML) 46 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 41Page - STMicroelectronics L5963 Datasheet HTML 42Page - STMicroelectronics L5963 Datasheet HTML 43Page - STMicroelectronics L5963 Datasheet HTML 44Page - STMicroelectronics L5963 Datasheet HTML 45Page - STMicroelectronics L5963 Datasheet HTML 46Page - STMicroelectronics L5963 Datasheet HTML 47Page - STMicroelectronics L5963 Datasheet HTML 48Page - STMicroelectronics L5963 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Package information
L5963
46/49
DocID028553 Rev 3
9.5
Package marking information
Figure 19. PowerSSO-36 (exp. pad) marking information
Table 13. VFQFPN-48 (7x7x1.0 - opt. D) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.85
0.95
1.05
0.0335
0.0374
0.0413
A1
-
-
0.05
-
-
0.0020
A2
-
0.75
-
-
0.0295
-
A3
-
0.200
-
-
0.0079
-
b
0.15
0.25
0.35
0.0059
0.0098
0.0138
D
6.80
7.00
7.15
0.2697
0.2756
0.2815
D2
5.15
5.30
5.45
0.2028
0.2087
0.2146
E
6.85
7.00
7.15
0.2697
0.2756
0.2815
E2
5.15
5.30
5.45
0.2028
0.2087
0.2146
e
0.45
0.50
0.55
0.0177
0.0197
0.0217
L
0.45
0.50
0.55
0.0177
0.0197
0.0217
ddd
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49