công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESD321DPYR.B bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ESD321DPYR.B
Giải thích chi tiết về linh kiện  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR.B bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ESD321DPYR.B Datasheet HTML 4Page - Texas Instruments ESD321DPYR.B Datasheet HTML 5Page - Texas Instruments ESD321DPYR.B Datasheet HTML 6Page - Texas Instruments ESD321DPYR.B Datasheet HTML 7Page - Texas Instruments ESD321DPYR.B Datasheet HTML 8Page - Texas Instruments ESD321DPYR.B Datasheet HTML 9Page - Texas Instruments ESD321DPYR.B Datasheet HTML 10Page - Texas Instruments ESD321DPYR.B Datasheet HTML 11Page - Texas Instruments ESD321DPYR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6 Detailed Description
6.1 Overview
The ESD321 is a low capacitance uni-directional ESD Protection Diode with a low clamping voltage. This device
can dissipate ESD strikes up to ±30kV (Contact and Air) per the IEC 61000-4-2 Standard. The low clamping
makes this device suitable for protecting any ESD sensitive devices.
6.2 Functional Block Diagram
6.3 Feature Description
ESD321 provides ESD protection up to ±30kV contact and ±30kV air gap per IEC 61000-4-2 standard. During
an ESD event, ESD diode connected to the I/O pin turns on and diverts the current to ground. Additionally,
ESD321 also provides protection against IEC 61000-4-5 Surge currents up to 6A (8/20µs waveform) and up to
80A per IEC 61000-4-4 (5/50ns waveform, 4kV with 50Ω impedance) electrical fast transient (EFT) standard.
The capacitance between the I/O pin and ground is 0.9pF (typical) and 1.1pF (maximum). The device features
a low leakage current of 0.1nA (typical) and 50nA (maximum, across operating temperature range) with a bias
of 3.6V. The ESD diode at the I/O pin protects the ESD-sensitive devices by clamping the voltage to a low value
of 6.8V (IPP = 16A 100ns TLP ). The layout makes adding protection to an existing layout simple. The package
offers flow-through routing, requiring minimal modification to an existing layout.
6.4 Device Functional Modes
The ESD321 is a passive integrated circuit that triggers when voltages exceed VBRF or fall below VFWD. During
ESD events, voltages as high as ±30kV (contact or air) can be directed to ground through the internal diode
network. When the voltages on the protected line fall below the trigger levels of ESD321 (typically within 10ns)
the device returns to passive.
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com