công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS160PR810 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện DS160PR810
Giải thích chi tiết về linh kiện  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button DS160PR810 Datasheet HTML 5Page - Texas Instruments DS160PR810 Datasheet HTML 6Page - Texas Instruments DS160PR810 Datasheet HTML 7Page - Texas Instruments DS160PR810 Datasheet HTML 8Page - Texas Instruments DS160PR810 Datasheet HTML 9Page - Texas Instruments DS160PR810 Datasheet HTML 10Page - Texas Instruments DS160PR810 Datasheet HTML 11Page - Texas Instruments DS160PR810 Datasheet HTML 12Page - Texas Instruments DS160PR810 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZRX-HIGH-IMP-
DC-POS
DC input CM input impedance during
Reset or power-down
Inputs are at CM voltage
20
kΩ
Transmitter
ZTX-DIFF-DC
DC differential Tx impedance
Impedance of Tx during active
signaling, VID,diff = 1Vpp
100
Ω
VTX-DC-CM
Tx DC common mode Voltage
0.75
V
ITX-SHORT
Tx Short circuit current
Total current the Tx can supply when
shorted to GND
90
mA
6.6 High Speed Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
RLRX-DIFF
Input differential return loss
50 MHz to 1.25 GHz
-25
dB
1.25 GHz to 2.5 GHz
-22
dB
2.5 GHz to 4.0 GHz
-21
dB
4.0 GHz to 8.0 GHz
-16
dB
XTRX
Receive-side pair-to-pair isolation
Pair-to-pair isolation (SDD21) between
two adjacent receiver pairs from 10
MHz to 8 GHz.
-47
dB
Transmitter
VTX-AC-CM-PP
Tx AC peak-to-peak common mode
voltage
Measured with lowest EQ, VOD = L2;
PRBS-7, 16 Gbps, over at least 10E6
bits using a bandpas filter from 30 Khz
to 500 Mhz
50
mVpp
VTX-CM-DC-
ACTIVE-IDLE-
DELTA
Absolute delta of DC common mode
voltage during L0 and Electrical Idle
VTX-CM-DC = |VOUTn+ + VOUTn–|/2,
measured by taking the absolute
difference of VTX-CM-DC during PCIe
state L0 and Electrical Idle
0
100
mV
VTX-CM-DC-
LINE-DELTA
Absolute delta of DC common mode
voltage between VOUTn+ and VOUTn–
during L0
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
PCIe state L0
10
mV
VTX-IDLE-DIFF-
AC-p
AC Electrical Idle differential output
voltage
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
Electrical Idle, measured with a band-
pass filter consisting of two first-order
filters. The high-pass and low-pass -3-
dB bandwidths are 10 kHz and 1.25
GHz, respectively - zero at input
0
10
mV
VTX-IDLE-DIFF-
DC
DC Electrical Idle differential output
voltage
Measured by taking the absolute
difference of VOUTn+ and VOUTn– during
Electrical Idle, measured with a first-
order low-pass Filter with –3-dB
bandwidth of 10 kHz
0
5
mV
VTX-RCV-
DETECT
Amount of voltage change allowed
during receiver detection
Measured while Tx is sensing whether
a low-impedance Receiver is present.
No load is connected to the driver
output
0
600
mV
RLTX-DIFF
Output differential return loss
50 MHz to 1.25 GHz
-20
dB
1.25 GHz to 2.5 GHz
-18
dB
2.5 GHz to 4.0 GHz
-18
dB
4.0 GHz to 8.0 GHz
-17
dB
www.ti.com
DS160PR810
SNLS658 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com