| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS160PR810 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS160PR810 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() 8 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 8.1 Application Information The DS160PR810 is a high-speed linear repeater which extends the reach of differential channels impaired by loss from transmission media like PCBs and cables. It can be deployed in a variety of different systems. The following sections outline typical applications and their associated design considerations. 8.2 Typical Applications The DS160PR810 is a protocol and interface agnostic linear redriver that can be used in wide range of interfaces including: • PCI Express 1.0/2.0/3.0/4.0 • Ultra Path Interconnect (UPI) 1.0/2.0 • DisplayPort 2.0 • SAS • SATA • XFI The DS160PR810 is a protocol agnostic linear redriver with PCI Express receiver-detect capability. Its protocol agnostic nature allows it to be used in PCI Express x4, x8, and x16 applications. Figure 8-1 shows how a number of DS160PR810 devices can be used to obtain signal conditioning for PCI Express buses of varying widths. www.ti.com DS160PR810 SNLS658 – DECEMBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: DS160PR810 |