| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8880PWPR bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8880PWPR bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 50 page ![]() I TRIP I TRIP t BLANK t DRIVE t OFF t BLANK t DRIVE t FAST t BLANK t OFF t FAST t DRIVE t BLANK t DRIVE t OFF t OFF t BLANK t DRIVE 21 DRV8880 www.ti.com SLVSD18C – JUNE 2015 – REVISED AUGUST 2017 Product Folder Links: DRV8880 Submit Documentation Feedback Copyright © 2015–2017, Texas Instruments Incorporated 7.3.5.2 Mode 2: Slow Decay for Increasing Current, Mixed Decay for Decreasing current Figure 17. Slow/Mixed Decay Mode Mixed decay begins as fast decay for a time, followed by slow decay for the remainder of tOFF. In this mode, mixed decay only occurs during decreasing current. Slow decay is used for increasing current. This mode exhibits the same current ripple as slow decay for increasing current, since for increasing current, only slow decay is used. For decreasing current, the ripple is larger than slow decay, but smaller than fast decay. On decreasing current steps, mixed decay will settle to the new ITRIP level faster than slow decay. In cases where current is held for a long time (no input in the STEP pin) or at very low stepping speeds, slow decay may not properly regulate current because no back-EMF is present across the motor windings. In this state, motor current can rise very quickly, and may require a large off-time. In some cases this may cause a loss of current regulation, and a more aggressive decay mode is recommended. |