công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8801PWPR bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện DRV8801PWPR
Giải thích chi tiết về linh kiện  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801PWPR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button DRV8801PWPR Datasheet HTML 7Page - Texas Instruments DRV8801PWPR Datasheet HTML 8Page - Texas Instruments DRV8801PWPR Datasheet HTML 9Page - Texas Instruments DRV8801PWPR Datasheet HTML 10Page - Texas Instruments DRV8801PWPR Datasheet HTML 11Page - Texas Instruments DRV8801PWPR Datasheet HTML 12Page - Texas Instruments DRV8801PWPR Datasheet HTML 13Page - Texas Instruments DRV8801PWPR Datasheet HTML 14Page - Texas Instruments DRV8801PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Outputs
Power
0.1 µF
Charge
Pump
OUT+
VBB
Pre-
driver
VCP
OUT-
VBB
Pre-
driver
VCP
BDC
VCP
CP1
CP2
VBB
0.1 µF
0.1 µF
Bulk
SENSE
VPROPI
GND
GND
PPAD
VCP
VBB
Regulators
RSENSE
MODE 1
MODE 2
PHASE
ENABLE
nSLEEP
nFAULT
Core
Logic
Protection
Temperature
Sensor
Overcurrent
Monitoring
Voltage
Monitoring
Inputs
VMCU
5
x
Figure 8-2. DRV8801 Functional Block Diagram
8.3 Feature Description
8.3.1 Logic Inputs
TI recommends using a high-value pullup resistor when logic inputs are pulled up to VDD. This resistor limits
the current to the input in case an overvoltage event occurs. Logic inputs are nSLEEP, MODE, PHASE, and
ENABLE. Voltages higher than 7 V on any logic input can cause damage to the input structure.
8.3.2 VREG (DRV8800 Only)
This output represents a measurement of the internal regulator voltage. This pin should be left disconnected. A
voltage of approximately 7.5 V can be measured at this pin.
8.3.3 VPROPI (DRV8801 Only)
The analog output VPROPI offers SENSE current information as an analog voltage proportional to the current
flowing through the DC motor winding. This voltage can be used by an analog to digital converter and
microcontroller to accurately determine how much current is flowing through the controlled DC motor. See
Section 8.3.11 for guidance on selecting a SENSE resistor value.
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com