công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8801PWPR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện DRV8801PWPR
Giải thích chi tiết về linh kiện  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801PWPR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DRV8801PWPR Datasheet HTML 1Page - Texas Instruments DRV8801PWPR Datasheet HTML 2Page - Texas Instruments DRV8801PWPR Datasheet HTML 3Page - Texas Instruments DRV8801PWPR Datasheet HTML 4Page - Texas Instruments DRV8801PWPR Datasheet HTML 5Page - Texas Instruments DRV8801PWPR Datasheet HTML 6Page - Texas Instruments DRV8801PWPR Datasheet HTML 7Page - Texas Instruments DRV8801PWPR Datasheet HTML 8Page - Texas Instruments DRV8801PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DRV880x DMOS Full-Bridge Motor Drivers
1 Features
• H-Bridge Motor Driver
• Low RDS(on) MOSFETs (0.4-Ω Typical)
• Low-Power Sleep Mode
• 100% PWM Duty Cycle Supported
• 8-V to 36-V Operating Supply Voltage Range
• Thermally Enhanced Surface-Mount Package
• Protection Features:
– VBB Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Short-to-Supply Protection
– Short-to-Ground Protection
– Overtemperature Warning (OTW)
– Overtemperature Shutdown (OTS)
– Fault Condition Indication Pin (nFAULT)
2 Applications
• Printers
• Industrial Automation
• Robotics
3 Description
The DRV880x provides a versatile motor driver
solution with a variety of capabilities. The device
contains a full H-bridge which can be used to drive
a brushed DC motor, one winding of a stepper motor,
or other devices such as solenoids. A simple PHASE-
ENABLE interface allows easy interfacing to controller
circuits.
The output stages use N-channel power MOSFETs
configured as an H-bridge. The DRV880x is capable
of peak output currents up to ±2.8 A and operating
voltages up to 36 V. An internal charge pump
generates the needed gate drive voltages.
A low-power sleep mode is provided which shuts
down internal circuitry to achieve a very low quiescent
current draw. This sleep mode can be set using a
dedicated nSLEEP pin.
Internal
protection
functions
are
provided
for
undervoltage, charge pump fault, overcurrent, short-
to-supply, short-to-ground, and overtemperature. Fault
conditions are indicated through the nFAULT pin.
The DRV880x is packaged in a 16-pin WQFN
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8800
HTSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm × 4.00 mm
DRV8801
HTSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
PHASE
nSLEEP
8 V to 36 V
DRV8800/
DRV8801
Protection
Brushed DC
Motor Driver
ENABLE
nFAULT
M
Simplified Schematic
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: DRV8800 DRV8801
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - DRV8801PWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8801PWPR TI-DRV8801PWPR Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Mô tả tương tự - DRV8801PWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
DMOS FULL-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
DRV880x DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com