công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB85RS16 bảng dữ liệu(PDF) 6 Page - RAMXEED LIMITED

tên linh kiện MB85RS16
Giải thích chi tiết về linh kiện  16 K (2 K X 8) Bit SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS16 bảng dữ liệu(HTML) 6 Page - RAMXEED LIMITED

Back Button MB85RS16 Datasheet HTML 2Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 3Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 4Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 5Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 6Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 7Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 8Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 9Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MB85RS16
6
DS501-00014-9v2-E
STATUS REGISTER
OP-CODE
MB85RS16 accepts 7 kinds of command specified in op-code. Op-code is a code composed of 8 bits shown
in the table below. Do not input invalid codes other than those codes. If CS is risen while inputting op-code,
the command are not performed.
Bit No.
Bit Name
Function
7
WPEN
Status Register Write Protect
This is a bit composed of nonvolatile memories (FeRAM). WPEN protects
writing to a status register (see “ WRITING PROTECT”) relating with WP
input. Writing with the WRSR command and reading with the RDSR com-
mand are possible.
6 to 4
Not Used Bits
These are bits composed of nonvolatile memories, writing with the WRSR
command is possible. These bits are not used but they are read with the
RDSR command.
3
BP1
Block Protect
This is a bit composed of nonvolatile memory. This defines size of write
protect block for the WRITE command (see “ BLOCK PROTECT”). Writ-
ing with the WRSR command and reading with the RDSR command are
possible.
2
BP0
1
WEL
Write Enable Latch
This indicates FeRAM Array and status register are writable. The WREN
command is for setting, and the WRDI command is for resetting. With the
RDSR command, reading is possible but writing is not possible with the
WRSR command. WEL is reset after the following operations.
After power ON.
After WRDI command recognition.
At the rising edge of CS after WRSR command recognition.
At the rising edge of CS after WRITE command recognition.
0
0
This is a bit fixed to “0”.
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110B
WRDI
Reset Write Enable Latch
0000 0100B
RDSR
Read Status Register
0000 0101B
WRSR
Write Status Register
0000 0001B
READ
Read Memory Code
0000 0011B
WRITE
Write Memory Code
0000 0010B
RDID
Read Device ID
1001 1111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com