| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679PTR bảng dữ liệu(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679PTR bảng dữ liệu(HTML) 94 Page - STMicroelectronics |
|
94 / 279 page ![]() SPI interfaces L9679P 94/279 DS11627 Rev 7 7.4.22 Safing state entry command register (SAFING_STATE) ID: 31 Type: W Read: - Write: 0062 7.4.23 WD2 recover write command register (WD2_RECOVER) ID: 32 Type: W Read: - Write: 0064 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - $ACAC MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 N/A N/A N/A Non-latched Safing State entry command Enter safing state from DIAG state and clear arming pulse stretch counter (if received in DIAG or SAFING state) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X $AA MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 N/A N/A N/A Non-latched command to clear WD2_retry counter during WD2 LOCK state |