| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679PTR bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679PTR bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 279 page ![]() DS11627 Rev 7 85/279 L9679P SPI interfaces 278 7.4.10 Deployment current monitor registers (DCMTSxy) Deployment Current Monitor Status Channel 0,1 (DDCMTS01) Deployment Current Monitor Status Channel 2,3 (DDCMTS23) Deployment Current Monitor Status Channel 4,5 (DDCMTS45) Deployment Current Monitor Status Channel 6,7 (DDCMTS67) ID: 1F (DDCMTS01) 20 (DDCMTS23) 21 (DDCMTS45) 22 (DDCMTS67) Type: R Read: 1F00 (DDCMTS01) 2000 (DDCMTS23) 2100 (DDCMTS45) 2202 (DDCMTS67) Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 0 0 0 Current_Mon_Timer_y[7:0] Current_Mon_Timer_x[7:0] Current_Mon_Timer_y[7:0] $00 $00 $00 Channel y current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y. Increments each 16 µs while deployment current exceeds monitor threshold on channel y Current_Mon_Timer_x[7:0] $00 $00 $00 Channel x current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x. Increments each 16 µs while deployment current exceeds monitor threshold on channel y |