công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9679P bảng dữ liệu(PDF) 275 Page - STMicroelectronics

tên linh kiện L9679P
Giải thích chi tiết về linh kiện  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P bảng dữ liệu(HTML) 275 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 271Page - STMicroelectronics L9679P Datasheet HTML 272Page - STMicroelectronics L9679P Datasheet HTML 273Page - STMicroelectronics L9679P Datasheet HTML 274Page - STMicroelectronics L9679P Datasheet HTML 275Page - STMicroelectronics L9679P Datasheet HTML 276Page - STMicroelectronics L9679P Datasheet HTML 277Page - STMicroelectronics L9679P Datasheet HTML 278Page - STMicroelectronics L9679P Datasheet HTML 279Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 275 / 279 page
background image
DS11627 Rev 7
275/279
L9679P
Package information
278
Table 75. TQFP100 (14x14x1.4 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.20
-
-
0.0472
A1
0.05
-
0.15
0.0020
-
0.0059
A2
0.95
1.00
1.05
0.0374
0.0394
0.0413
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
-
0.20
0.0035
-
0.0079
D
15.80
16.00
16.20
0.6220
0.6299
0.6378
D1
13.80
14.00
14.20
0.5433
0.5512
0.5591
D2(2)
2. The size of exposed pad is variable depending on lead frame design pad size. End user should verify “D2”
and “E2” dimensions for each device application.
5.40
-
8.50
0.2126
-
0.3346
D3
-
12.00
-
-
0.4724
-
E
15.80
16.00
16.20
0.622
0.6299
0.6378
E1
13.80
14.00
14.20
0.5433
0.5512
0.5591
E2(2))
5.40
-
8.50
0.2126
-
0.3346
E3
-
12.00
-
-
0.4724
-
e
-
0.50
-
-
0.0197
-
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00
-
-
0.0394
-
k
-
3.50
7.00
-
0.1378
0.2756
ccc
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More