| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679P bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 279 page ![]() 0 0 0 1 0 1 1 0 $16 R DSR_3 Deployment status register 0 0 0 1 0 1 1 1 $17 R DSR_4 0 0 0 1 1 0 0 0 $18 R DSR_5 0 0 0 1 1 0 0 1 $19 R DSR_6 0 0 0 1 1 0 1 0 $1A R DSR_7 0 0 0 1 1 0 1 1 $1B 0 0 0 1 1 1 0 0 $1C 0 0 0 1 1 1 0 1 $1D 0 0 0 1 1 1 1 0 $1E 0 0 0 1 1 1 1 1 $1F R DCMTS01 Deployment current monitor register 0 0 1 0 0 0 0 0 $20 R DCMTS23 0 0 1 0 0 0 0 1 $21 R DCMTS45 0 0 1 0 0 0 1 0 $22 R DCMTS67 0 0 1 0 0 0 1 1 $23 0 0 1 0 0 1 0 0 $24 0 0 1 0 0 1 0 1 $25 R/W SPIDEPEN Lock/Unlock command X X 0 0 1 0 0 1 1 0 $26 R LP_GNDLOSS Loss of ground fault for squib/pyroswitch loops 0 0 1 0 0 1 1 1 $27 R VERSION_ID Device version 0 0 1 0 1 0 0 0 $28 R/W WD_RETRY_CONF Watchdog Retry Configuration X 0 0 1 0 1 0 0 1 $29 W 0 0 1 0 1 0 1 0 $2A R/W WDTCR Watchdog first level configuration X 0 0 1 0 1 0 1 1 $2B R/W WD1T Watchdog first level key transmission X X X X X 0 0 1 0 1 1 0 0 $2C R WD_STATE Watchdog first and second level state 0 0 1 0 1 1 0 1 $2D R/W CLK_CONF Clock configuration X X X X X Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |