| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679P bảng dữ liệu(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P bảng dữ liệu(HTML) 93 Page - STMicroelectronics |
|
93 / 279 page ![]() DS11627 Rev 7 93/279 L9679P SPI interfaces 278 7.4.20 Scrap key write command register (SCRAP_KEY) ID: 2F Type: W Read: - Write: 005E 7.4.21 Scrap state entry command register (SCRAP_STATE) ID: 30 Type: W Read: - Write: 0060 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X KEY[7:0] MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 N/A N/A N/A KEY[7:0] $00 $00 $00 KEY value submitted to the SCRAP state machine (correct value is derived from the seed value using a simple logical inversion on the even-numbered bits (0, 2, 4, 6)) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - $3535 MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 N/A N/A N/A Non-latched Scrap State entry command Enter Scrap state from DIAG state |