| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679P bảng dữ liệu(PDF) 145 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P bảng dữ liệu(HTML) 145 Page - STMicroelectronics |
|
145 / 279 page ![]() DS11627 Rev 7 145/279 L9679P SPI interfaces 278 7.5 Remote sensor SPI register map The Remote Sensor SPI interface consists of twelve 32-bit read registers (one for each logical channel) to allow for access to decoded sensor data and fault registers. The registers are addressed by the read register ID and the Global ID bit. The L9679P checks the validity of the received RID field in the MOSI_RS frame. Should a SPI read command be received containing an unused RID address, the command will be discarded and the ERR_RID bit will be flagged in the current GSW. Table 8. Remote sensor SPI register map GID RID / WID Hex R/W Name Description Operating State Init Diag Safing Scrap Arming 0 1 0 1 0 0 0 0 $50 R RSDR0 Remote sensor data/status registers (PSI-5 or WSS) 0 1 0 1 0 0 0 1 $51 R RSDR1 0 1 0 1 0 0 1 0 $52 0 1 0 1 0 0 1 1 $53 0 1 0 1 0 1 0 0 $54 R RSDR4 0 1 0 1 0 1 0 1 $55 R RSDR5 0 1 0 1 0 1 1 0 $56 0 1 0 1 0 1 1 1 $57 0 1 0 1 1 0 0 0 $58 R RSDR8 0 1 0 1 1 0 0 1 $59 R RSDR9 0 1 0 1 1 0 1 0 $5A 0 1 0 1 1 0 1 1 $5B 0 1 0 1 1 1 0 0 $5C R RSTHR0_L Remote sensor (PSI-5 or WSS) 0 1 0 1 1 1 0 1 $5D R RSTHR1_L 0 1 0 1 1 1 1 0 $5E R RSTHR2_L 0 1 0 1 1 1 1 1 $5F R RSTHR3_L 0 1 1 0 0 0 0 0 $60 0 1 1 0 0 0 0 1 $61 0 1 1 0 0 0 1 0 $62 0 1 1 0 0 0 1 1 $63 0 1 1 0 1 0 1 0 $6A R ARM_STATE Arming signals status register 1 1 1 1 1 1 1 1 $FF R SAF_CC Safing record compare complete register |