| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679ETR bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679ETR bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 127 page ![]() High- and low-side FET diagnostics This couple of tests can only be run during the diagnostic mode of the power-up sequence (as described in Figure 6. IC operating state diagram). Tests are performed individually for HS driver or LS driver, with two dedicated commands. Prior to either the HS or LS FET diagnostics being run, the VRCM has to be first enabled. Within the command to enable the VRCM, also the channel onto which the FET test will be run has to be selected with the LEAK_CHSEL bit field. Running the leakage diagnostics with the appropriate delay time prior to either the HS or LS FET diagnostics will precondition the squib/pyroswitch pin to the appropriate voltage level. When the FET diagnostic command is issued with the Diagnostic Register SPI command (SYSDIAGREQ), the VRCM flags will be cleared, the VRCM deglitch filter time is switched from the leakage diagnostic deglitch filter time (TFLT_LKG) to the FET test deglitch filter time (TFLT_LKGB_FT) for both HS and LS and the output of the VRCM deglitch filter is now allowed to disable the appropriate HS or LS squib/pyroswitch driver during FET test. The device monitors the current through the VRCM. If the FET is working properly, this current will exceed IHS_FET_TH or ILS_FET_TH current threshold, respectively for HS or LS FET test for the deglitch filter time of TFLT_LKGB_FT, and the driver under test is turned off immediately and automatically. If there is a substantial leakage fault to Vbat or Gnd present during the FET test, leading this leakage current to exceed the IHS_FET_TH or ILS_FET_TH current threshold, for the deglitch filter time of TFLT_LKGB_FT, then the driver under test is turned off immediately and automatically, and the corresponding VRCM flag, STG or STB, is set. If the current does not exceed the current threshold, the test will be terminated and the driver is anyway turned off within TFETTIMEOUT. Table 12. HS FET TEST VRCM Flags Result STG STB 0 0 FET test fail 0 1 FET test pass OR Leakage to Vbat 1 0 FET test disabled due to Leakage to Gnd 1 1 State not possible Table 13. LS FET TEST VRCM Flags Result STG STB 0 0 FET test fail 0 1 FET test disabledd due to Leakage to Vbat 1 0 FET test pass OR Leakage to Gnd 1 1 State not possible During TFETTIMEOUT period, the bit stating that the FET is enabled will be set (FETON=1) and will be cleared as soon as the FET is switched back off. L9679E Deployment drivers DS12485 - Rev 8 page 76/127 |