| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8563SDGST bảng dữ liệu(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8563SDGST bảng dữ liệu(HTML) 49 Page - Texas Instruments |
|
49 / 63 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) DAC7562SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7562SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7562 DAC7563SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCRG4 Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCRG4.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC7563SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7563 DAC8162SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCTG4 Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8162SDSCTG4.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8162 DAC8163SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 Addendum-Page 1 |