| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCE421ARGET bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCE421ARGET bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 29 page ![]() DEVICE SETUP AND CONFIGURATION CDCE421A SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com Table 2. Crystal Frequency Selection and Device Settings DESIRED OUTPUT REQUIRED INPUT CRYSTAL FREQUENCY (MHz) FREQUENCY (MHz) VCO OUTPUT PRESCALER FEEDBACK From To From To SELECTION DIVIDER SETTING DIVIDER(1) 1020 1175 31.875 36.719 VCO 2 1 2 32 875.2(2) 1020 27.351 31.875 VCO 1 1 2 32 680 766.7(2) 34 38.333 VCO 2 1 3 20 583.5 680 29.174 34 VCO 1 1 3 20 510 587.5 31.875 36.719 VCO 2 1 4 16 437.6 510 27.351 31.875 VCO 1 1 4 16 408 460 34 38.333 VCO 2 1 5 12 350.1 408 29.174 34 VCO 1 1 5 12 340 383.3 34 38.333 VCO 2 2 3 20 291.7 340 29.174 34 VCO 1 2 3 20 255 293.8 31.875 36.719 VCO 2 2 4 16 218.8 255 27.351 31.875 VCO 1 2 4 16 204 230 34 38.333 VCO 2 2 5 12 175 204 29.174 34 VCO 1 2 5 12 170 191.7 34 38.333 VCO 2 4 3 20 145.9 170 29.174 34 VCO 1 4 3 20 127.5 146.9 31.875 36.719 VCO 2 4 4 16 109.4 127.5 27.351 31.875 VCO 1 4 4 16 102 115 34 38.333 VCO 2 4 5 12 87.5 102 29.174 34 VCO 1 4 5 12 85 95.8 34 38.333 VCO 2 8 3 20 72.9 85 29.174 34 VCO 1 8 3 20 63.8 73.4 31.875 36.719 VCO 2 8 4 16 54.7 63.8 27.351 31.875 VCO 1 8 4 16 51 57.5 34 38.333 VCO 2 8 5 12 43.8 51 29.174 34 VCO 1 8 5 12 42.5 47.9 34 38.333 VCO 2 16 3 20 36.5 42.5 29.174 34 VCO 1 16 3 20 31.9 36.7 31.875 36.719 VCO 2 16 4 16 27.4 31.9 27.351 31.875 VCO 1 16 4 16 25.5 28.8 34 38.333 VCO 2 16 5 12 21.9 25.5 29.174 34 VCO 1 16 5 12 21.3 24 34 38.333 VCO 2 32 3 20 18.2 21.3 29.174 34 VCO 1 32 3 20 15.9 18.4 31.875 36.719 VCO 2 32 4 16 13.7 15.9 27.351 31.875 VCO 1 32 4 16 12.8 14.4 34 38.333 VCO 2 32 5 12 10.9 12.8 29.174 34 VCO 1 32 5 12 (1) Feedback divider is set automatically with respect to the prescaler setting. (2) Discontinuity in frequency range. 6 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): CDCE421A |