| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCE421ARGET bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCE421ARGET bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 29 page ![]() CDCE421A SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com Table 9. Word 2 Recommended Bit Name Description/Function Type Value 0 C0 Register selection W 0 1 C1 Register selection W 1 2 C2 Register selection W 0 3 LFRCSEL Loop filter control settings, Bit 8 W 1 4 LFRCSEL Loop filter control settings, Bit 9 W 1 5 LFRCSEL Loop filter control settings, Bit 10 W 0 6 LFRCSEL Loop filter control settings, Bit 11 W 0 7 LFRCSEL Loop filter control settings, Bit 12 W 0 8 LFRCSEL Loop filter control settings, Bit 13 W 0 9 LFRCSEL Loop filter control settings, Bit 14 W 0 10 LFRCSEL Loop filter control settings, Bit 15 W 0 Table 10. Word 3 Recommended Bit Name Description/Function Type Value 0 C0 Register selection W 1 1 C1 Register selection W 1 2 C2 Register selection W 0 3 LFRCSEL Loop filter control settings, Bit 16 W 0 4 LFRCSEL Loop filter control settings, Bit 17 W 0 5 LFRCSEL Loop filter control settings, Bit 18 W 0 6 ICPSEL Charge pump current Sel, Bit 0 W 1 7 ICPSEL Charge pump current Sel, Bit 1 W 1 8 ICPSEL Charge pump current Sel, Bit 2 W 1 9 ICPSEL Charge pump current Sel, Bit 3 W 1 10 TITEST2 Reserved W 0 Table 11. Word 4 Recommended Bit Name Description/Function Type Value 0 C0 Register selection W 0 1 C1 Register selection W 0 2 C2 Register selection W 1 3 CALWRD VCO calibration Word, Bit 0 W 0 4 CALWRD VCO calibration Word, Bit 1 W 0 5 CALWRD VCO calibration Word, Bit 2 W 0 6 CALWRD VCO calibration Word, Bit 3 W 0 7 CALWRD VCO calibration Word, Bit 4 W 0 8 CALWRD VCO calibration Word, Bit 5 W 0 9 CALOVR VCO calibration override W 0 10 ENCAL Enable VCO calibration W 1 14 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): CDCE421A |