| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301201 bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
301201 bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 6 page ![]() 408-1535 2 of 6 Rev S Figure 2 2. To open the crimping jaws, close the tool handles until the CERTI-CRIMP hand tool ratchet releases. Note that the tool handles cannot be opened until they are FULLY closed. 3. Push the locator up and, from the FRONT side of the tool, insert the terminal or splice wire barrel sleeve into the crimping jaws making sure that the edge of the wire barrel sleeve rests against the locator. See Figure 3 and Figure 4. 4. Close tool handles just enough to hold the terminal or splice within the crimping jaws. Figure 3 Figure 4 Closing the tool handles too tightly will deform the terminal or splice. 5. Insert wire conductor through the insulation barrel sleeve and into the wire barrel sleeve until it is flush with the outer edge of the wire barrel sleeve. See Figure 3 and Figure 4. TOOL WIRE SIZE (AWG) INSULATION RANGE STRIP LENGTH 46673 22-16 2.67-3.56 [.105-.140] 5.16 - 5.94 [.203 - .234] 46673-1 1.68-3.43 [.066-.135] 46988 16-14 3.05-4.32 [.120-.170] Edge of Wire Barrel Sleeve Resting Against Locator Terminal Tongue Through Slot in Locator Wire Barrel Sleeve InsulationBarrel Sleeve Push Locator Up So That Terminal Tongue Slides Through Slot in Locator Insert Wire Conductor Through Insulation Barrel Sleeve and into Wire Barrel Sleeve Back Side of Tool Terminal Crimp Edge of Wire Barrel Sleeve Resting Against Locator Open Section of Splice in Slot in Locator Insulation Barrel Sleeve Wire Barrel Sleeve Push Locator Up So That Splice Slides Through Slot in Locator Insert Wire Conductor Through Insulation Barrel Sleeve and into Wire Barrel Sleeve Back Side of Tool Splice Crimp (First Crimp) NOTE i |