| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WL33CBVATR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33CBVATR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 91 page ![]() 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32WL33xx microcontrollers, based on Arm® core. This document must be read in conjunction with the STM32WL33xx reference manual (RM0511). For information on the device errata with respect to the datasheet and reference manual, refer to the STM32WL33xx errata sheet (ES0612). For information on the Arm® Cortex®-M0+ core, refer to the Cortex®-M0+ technical reference manual, available from the www.arm.com website. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. STM32WL33xx Introduction DS14221 - Rev 5 page 4/91 |