công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WL33CBVATR bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện STM32WL33CBVATR
Giải thích chi tiết về linh kiện  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CBVATR bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button STM32WL33CBVATR Datasheet HTML 77Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 78Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 79Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 80Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 81Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 82Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 83Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 84Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
Table 72. VFQFPN32 - Mechanical data
Symbol
Millimetres
Inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0
-
0.05
0
-
0.0020
A3
-
0.20
-
-
0.008
-
b
0.18
0.25
0.30
0.0070
0.0098
0.0118
D
4.90
5.00
5.10
0.1929
0.19
0.2008
E
4.90
5.00
5.10
0.1929
0.19
0.2008
D2
3.60
3.70
3.80
0.1417
0.1457
0.1496
E2
3.60
3.70
3.80
0.1417
0.1457
0.1496
e
-
0.50
-
-
0.0197
-
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
ddd
-
-
0.05
-
-
0.0020
1. Values in inches are converted from mm and rounded to 3 decimal digits.
2. VFQFPN stands for thermally Enhanced very thin fine pitch quad flat package No lead . Very thin profile 0.80 < A ≤ 1.00
mm.
Figure 22. VFQFPN32 - Footprint example
3.50
0.80
0.25
0.50
0.25
3.50
5.70
4.10
0.30
STM32WL33xx
Package information
DS14221 - Rev 5
page 81/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91