| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB85RS2MTY bảng dữ liệu(PDF) 4 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB85RS2MTY bảng dữ liệu(HTML) 4 Page - RAMXEED LIMITED |
|
4 / 38 page ![]() MB85RS2MTY(AEC-Q100 Compliant) 4 DS501-00061-3v1-E SERIAL PERIPHERAL INTERFACE (SPI) MB85RS2MTY works as a slave of SPI. More than 2 devices can be connected by using microcontroller equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus connected to use. SCK SS1 MOSI MISO SS2 SCK CS SI SO SCK CS SI SO MB85RS2MTY MB85RS2MTY SCK CS SI SO MB85RS2MTY SPI Microcontroller MOSI : Master Out Slave In MISO : Master In Slave Out SS : Slave Select System Configuration with SPI Port System Configuration without SPI Port Microcontroller |