công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB85RS2MTA bảng dữ liệu(PDF) 2 Page - RAMXEED LIMITED

tên linh kiện MB85RS2MTA
Giải thích chi tiết về linh kiện  2 M (256 K X 8) Bit SPI
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MTA bảng dữ liệu(HTML) 2 Page - RAMXEED LIMITED

  MB85RS2MTA Datasheet HTML 1Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 2Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 3Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 4Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 5Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 6Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 7Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 8Page - RAMXEED LIMITED MB85RS2MTA Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MB85RS2MTA
2
DS501-00032-6v1-E
PIN ASSIGNMENT
PIN FUNCTIONAL DESCRIPTIONS
Pin No. Pin Name
Functional description
1
CS
Chip Select pin
This is an input pin to make chips select. When CS is “H” level, device is in deselect
(standby) status and SO becomes High-Z. Inputs from other pins are ignored for this
time. When CS is “L” level, device is in select (active) status. CS has to be “L” level before
inputting op-code. The Chip Select pin is pulled up internally to the VDD pin.
3
WP
Write Protect pin
This is a pin to control writing to a status register. The writing of status register (see “
STATUS REGISTER”) is protected in related with WP and WPEN. See “WRITING
PROTECT” for detail.
7
HOLD
Hold pin
This pin is used to interrupt serial input/output without making chips deselect. When
HOLD is “L” level, hold operation is activated, SO becomes High-Z, SCK and SI become
do not care. See “HOLD OPERATION” for detail.
6
SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
5
SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
2
SO
Serial Data Output pin
This is an output pin of serial data. Reading data of FeRAM memory cell array and status
register data are output. This is High-Z during standby.
8
VDD
Supply Voltage pin
4
VSS
Ground pin
(TOP VIEW)
(
8-pin plastic SOP, 150mil)
VSS
SI
SO
VDD
SCK
WP
CS
HOLD
8
7
6
5
4
3
2
1
(TOP VIEW)
(
8-pin plastic SOP, 208mil)
VSS
SI
SO
VDD
SCK
WP
CS
HOLD
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com