công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB85RS2MLY bảng dữ liệu(PDF) 1 Page - RAMXEED LIMITED

tên linh kiện MB85RS2MLY
Giải thích chi tiết về linh kiện  2M (256 K X 8) Bit SPI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MLY bảng dữ liệu(HTML) 1 Page - RAMXEED LIMITED

  MB85RS2MLY Datasheet HTML 1Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 2Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 3Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 4Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
2M (256 K  8) Bit SPI
MB85RS2MLY(AEC-Q100 Compliant)
DESCRIPTION
MB85RS2MLY is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 262,144
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming
the nonvolatile memory cells. This product is specifically targeted for high-temperature environment such
as automotive applications.
MB85RS2MLY adopts the Serial Peripheral Interface (SPI).
The MB85RS2MLY is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS2MLY can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
As MB85RS2MLY does not need any waiting time in writing process, the write cycle time of MB85RS2MLY
is much shorter than that of Flash memories or E2PROM.
FEATURES
• Bit configuration
: 262,144 words  8 bits
• Special Sector Region
: 256 words  8 bits
In this region, data storage after (by) three times reflow based on
JEDEC MSL-3 standard condition is guaranteed.
• Unique ID
• Serial Number
: 64 bits
In this region, data storage after (by) three times reflow based on
JEDEC MSL-3 standard condition is guaranteed.
• Serial Peripheral Interface
: SPI (Serial Peripheral Interfaces)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 50 MHz (Max)
• High endurance
: 1013 times / byte
• Data retention
: 50.4 years (+85 C)
13.7years (+105 C)
4.2 years (+125 C) or more
Under evaluation for more than 4.2years(+125 C)
• Operating power supply voltage : 1.7 V to 1.95 V
• Low power consumption
: Operating power supply current 3.5 mA (Max@50 MHz)
Standby current 200 A (Max)
• Operation ambient temperature range :  40 C to +125 C
• Package
: 8-pin plastic SOP 150mil
8-pin plastic DFN 5mm  6mm
AEC-Q100 Grade 1 compliant
RoHS compliant
DS501-00062-3v1-E


Số phần tương tự - MB85RS2MLY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB85RS2MT FUJITSU-MB85RS2MT Datasheet
458Kb / 28P
2M (256 K 횞 8) ?볝긿?늆PI
logo
RAMXEED LIMITED
MB85RS2MT RAMXEED-MB85RS2MT Datasheet
1Mb / 28P
2 M (256 K × 8) Bit SPI
2013.3
MB85RS2MTA RAMXEED-MB85RS2MTA Datasheet
2Mb / 40P
2 M (256 K X 8) Bit SPI
MB85RS2MTAPF-G-BCE1 RAMXEED-MB85RS2MTAPF-G-BCE1 Datasheet
2Mb / 40P
2 M (256 K X 8) Bit SPI
MB85RS2MTAPF-G-BCERE1 RAMXEED-MB85RS2MTAPF-G-BCERE1 Datasheet
2Mb / 40P
2 M (256 K X 8) Bit SPI
More results

Mô tả tương tự - MB85RS2MLY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
256 k EEPROM (32-kword x 8-bit)
logo
fujitsu semiconductor
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
256-Kbit (32 K x 8) Serial (SPI) nvSRAM
logo
fujitsu semiconductor
MB85RS2MT FUJITSU-MB85RS2MT Datasheet
458Kb / 28P
2M (256 K 횞 8) ?볝긿?늆PI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com